Part Number Hot Search : 
2SB14 SP846 EA0911 301KD07X TS27M2I D5NK52 1N5636B 16608
Product Description
Full Text Search
 

To Download IPB80N06S3L-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPB80N06S3L-06 IPI80N06S3L-06, IPP80N06S3L-06
OptiMOS(R)-T Power-Transistor
Features * N-channel - Logic Level - Enhancement mode * Automotive AEC Q101 qualified * MSL1 up to 260C peak reflow * 175C operating temperature * Green package (lead free) * Ultra low Rds(on) * 100% Avalanche tested * ESD Class 2 (HBM)
EIA/JESD22-A114-B
Product Summary V DS R DS(on),max (SMD version) ID 55 5.6 80 V m A
PG-TO263-3-2
PG-TO262-3-1
PG-TO220-3-1
Type IPB80N06S3L-06 IPI80N06S3L-06 IPP80N06S3L-06
Package PG-TO263-3-2 PG-TO262-3-1 PG-TO220-3-1
Ordering Code SP0000-88004 SP0000-88002 SP0000-88006
Marking 3N06L06 3N06L06 3N06L06
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current1) Symbol ID Conditions T C=25 C, V GS=10 V T C=100 C, V GS=10 V2) Pulsed drain current2) Avalanche energy, single pulse3) Drain gate voltage2) Gate source voltage4) Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS V DG V GS P tot T j, T stg T C=25 C T C=25 C I D=40 A Value 80 80 320 250 55 16 136 -55 ... +175 55/175/56 mJ V V W C Unit A
Rev. 1.0
page 1
2005-09-16
IPB80N06S3L-06 IPI80N06S3L-06, IPP80N06S3L-06
Parameter Symbol Conditions min. Thermal characteristics2) Thermal resistance, junction - case Thermal resistance, junction ambient, leaded SMD version, device on PCB R thJC R thJA R thJA minimal footprint 6 cm2 cooling area5) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D= 1 mA V GS(th) I DSS V DS=V GS, I D=80 A V DS=55 V, V GS=0 V, T j=25 C V DS=55 V, V GS=0 V, T j=125 C2) Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=16 V, V DS=0 V V GS=5 V, I D=38 A V GS=5 V, I D=38 A, SMD version V GS=10 V, I D=56 A V GS=10 V, I D=56 A, SMD version 55 1.2 1.7 0.01 2.2 1 A V 1.1 62 62 40 K/W Values typ. max. Unit
-
1 1 8.3 8.0 4.9 4.6
100 100 10.4 10.1 5.9 5.6 nA m
Rev. 1.0
page 2
2005-09-16
IPB80N06S3L-06 IPI80N06S3L-06, IPP80N06S3L-06
Parameter Symbol Conditions min. Dynamic characteristics2) Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics2) Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode continous forward current2) Diode pulse current2) Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=80 A, T j=25 C V R=27.5 V, I F=I S, di F/dt =100 A/s 0.6 0.9 80 320 1.3 V A Q gs Q gd Qg V plateau V DD=11 V, I D=80 A, V GS=0 to 10 V 44 24 131 4.4 196 V nC C iss C oss Crss t d(on) tr t d(off) tf V DD=27.5 V, V GS=10 V, I D=80 A, R G=3.5 V GS=0 V, V DS=25 V, f =1 MHz 9417 1181 1127 20 43 55 39 ns pF Values typ. max. Unit
Reverse recovery time2)
t rr
-
47
ns
Reverse recovery charge2)
1)
Q rr
-
62
nC
Current is limited by bondwire; with an R thJC = 1.1 K/W the chip is able to carry 114 A at 25C. For detailed information see Application Note ANPS071E at www.infineon.com/optimos
2)
Defined by design. Not subject to production test. See diagrams 12 and 13. Qualified at -5V and +16V.
3)
4) 5)
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.0
page 3
2005-09-16
IPB80N06S3L-06 IPI80N06S3L-06, IPP80N06S3L-06
1 Power dissipation P tot = f(T C); V GS 4 V 2 Drain current I D = f(T C); V GS 4 V
160 140
100
80 120 100
60
P tot [W]
80 60 40
I D [A]
40 20 0 0 50 100 150 200 0 50 100 150 200
20 0
T C [C]
T C [C]
3 Safe operating area I D = f(V DS); T C = 25 C; D = 0 parameter: t p
1000
4 Max. transient thermal impedance Z thJC = f(t p) parameter: D =t p/T
101
1 s limited by on-state resistance 100 s 10 s
100
0.5
100
Z thJC [K/W]
1 ms
I D [A]
0.1
10-1
0.05
10 10
-2
0.01
single pulse
1 0.1 1 10 100
10-3 10-6 10-5 10-4 10-3 10-2 10-1 100
V DS [V]
t p [s]
Rev. 1.0
page 4
2005-09-16
IPB80N06S3L-06 IPI80N06S3L-06, IPP80N06S3L-06
5 Typ. output characteristics I D = f(V DS); T j = 25 C parameter: V GS
160
10 V
6 Typ. drain-source on-state resistance R DS(on) = f(I D); T j = 25 C parameter: V GS
14
140
5V
12
120 100
10
5V
R DS(on) [m]
I D [A]
4.5 V
8
6V
80 60 40
3.5 V
6
8V 10 V
4V
4
20
3V
2
0 0 1 2 3 4 5 6
0 0 50 100 150
V DS [V]
I D [A]
7 Typ. transfer characteristics I D = f(V GS); V DS = 4 V parameter: T j
160
-55 C
8 Typ. drain-source on-state resistance R DS(on) = f(T j); I D = 80 A; V GS = 10 V
10
140
25 C
8
120 100
175 C
R DS(on) [m]
0 1 2 3 4 5 6
6
I D [A]
80 60 40
4
2 20 0 0 -60 -20 20 60 100 140 180
V GS [V]
T j [C]
Rev. 1.0
page 5
2005-09-16
IPB80N06S3L-06 IPI80N06S3L-06, IPP80N06S3L-06
9 Typ. gate threshold voltage V GS(th) = f(T j); V GS = V DS parameter: I D
3 105
10 Typ. capacitances C = f(V DS); V GS = 0 V; f = 1 MHz
2.5
Ciss
2
10
4
V GS(th) [V]
1.5
80A
800A
C [pF]
Coss
Crss
1
10
3
0.5
0 -60 -20 20 60 100 140 180 0 5 10 15 20 25 30
T j [C]
V DS [V]
11 Typical forward diode characteristicis IF = f(VSD) parameter: T j
103
12 Typ. avalanche characteristics I AV = f(t AV) parameter: T j(start)
100
25C 100C
102
150C
I AV [A]
101
175 C 25 C
I F [A]
10
100 0 0.2 0.4 0.6 0.8 1 1.2 1.4
1 1 10 100 1000
V SD [V]
t AV [s]
Rev. 1.0
page 6
2005-09-16
IPB80N06S3L-06 IPI80N06S3L-06, IPP80N06S3L-06
13 Typical avalanche Energy E AS = f(T j) parameter: I D
600 66 64 500
20 A
14 Drain-source breakdown voltage V BR(DSS) = f(T j); I D = 1 mA
62 60
400
30 A
V BR(DSS) [V]
50 100 150 200
58 56 54 52 50 48
E AS [mJ]
300
40 A
200
100
0 0
46 -60 -20 20 60 100 140 180
T j [C]
T j [C]
15 Typ. gate charge V GS = f(Q gate); I D = 80 A pulsed parameter: V DD
12
16 Gate charge waveforms
11 V
44 V
VG
Qg
10
8
V GS [V]
6
4
2
Q
Qg
0 50 100 150 200
0
Qg
Q gate [nC]
Rev. 1.0
page 7
2005-09-16
IPB80N06S3L-06 IPI80N06S3L-06, IPP80N06S3L-06
Published by Infineon Technologies AG St.-Martin-Strae 53 D-81541 Munchen (c) Infineon Technologies AG 2004 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein.
Information For further information on technology, delivery terms and conditions and prices, please contact your nearest Infineon Technologies Office (www.infineon.com)
Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact your nearest Infineon Technologies Office. Infineon Technologies' components may only be used in life-support devices or systems with the expressed written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 8
2005-09-16


▲Up To Search▲   

 
Price & Availability of IPB80N06S3L-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X